Part Number Hot Search : 
XC3042A 2SC1653 M5231 PCA5097 HD74S157 AMS431AS S32253 150FC
Product Description
Full Text Search
 

To Download NJL28H000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJL25V/28H000
INFRARED REMOTE CONTROL RECEIVER
GENERAL DESCRIPTION
NJL25V/28H000 series are small and high performance receiving devices for infrared remote control system. They can operate under low and wide supply voltage (2.7V to 5.5V). NJL25V/28H000 series are mesh window type to improve EMI characteristic. Even under strong EMI noise condition such as TV, Air-conditioner, etc., NJL25V/28H000 series can work normally.
FEATURES
1. Wide and low supply voltage 2. Low supply current 3. Metal case type with mesh window 4. Line-up for various center carrier frequencies 2.7V to 5.5V 0.43mA typ. Vcc=3.3V
APPLICATIONS 1. AV instruments such as Audio, TV, VCR, CD, MD, DVD, STB etc. 2. Home application such as Air-conditioner, Fan etc. 3. Game machine, toy etc. LINE-UP
View Type Height Carrier Frequency fo= 36 kHz 36.7 kHz 38 kHz 40 kHz Side 15.6mm NJL25V360 NJL25V367 NJL25V380 NJL25V400 Top 15mm NJL28H360 NJL28H367 NJL28H380 NJL28H400
Regarding the other frequency or packages, please contact to New JRC individually.
BLOCK DIAGRAM
Vcc
Head Amp
2nd Amp
3rd Amp Detector
Comparator
22K Vout
B.P.F. PD ABLC
GND
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
PARAMETER Supply Voltage Operating Temperature Range Storage Temperature Range Soldering Temperature SYMBOL Vcc Topr Tstg Tsol RATINGS 6.3 -30 to +80 -40 to +85 260 (5sec. 4.0mm from mold body) UNIT V C C C
-1-
NJL25V/28H000
RECOMMENDED OPERATING CONDITION
Supply Voltage Range Vcc 2.7 V to 5.5V
ELECTRO-OPTICAL CHARACTERISTICS (Vcc=3.3V, Ta=25C)
PARAMETER Supply Current Transmission Distance Directivity Output Voltage Low Output Voltage High Low Level Pulse Width High Level Pulse Width Center Carrier Frequency SYMBOL Icc Lc L V VL VH TwL TwH fo TEST CONDITION No Signal Input Direction of Ray Axis *1 Angle of half Lc, Horizontal *2 Angle of half Lc, Vertical *2 No Load No Load See Test Circuit See Test Circuit See Line-up MIN TYP
--
10
-- -- -- 2.8 400 350 --
0.43 15 45 30 0.2 -- -- -- *3
MAX 0.56
-- -- -- 0.5 -- 850 800 --
UNIT mA m deg deg V V s s kHz
Note *1:Test with each center carrier frequency under the test condition shown below. *2:Place major axis of elliptic lens in horizontal direction and minor vertical. *3:Four types of frequency :36.0, 36.7, 38.0, 40.0KHz
TEST METHOD
Test condition is as follows: (1) Standard transmitter: Transmitting waveform is shown in Fig.1 Transmitting power should be adjusted so that output voltage Vout will be 400mVp-p.(Test circuit is shown in Fig.2) Regarding IR LED used for transmitter, p=940nm, =50nm. Regarding photo diode, Sensitivity S=26nA/Lx in case light source temperature2856K, Ee=100Lx, VR=5V (2) Test system: Shown in Fig.3.
IR TRANSMITTER OUTPUT WAVE FORM
Carrier frequency is adjusted to center frequency of each product
600us
600us
VH
OUTPUT PULSE OF DEVICE
TWL
TWH
VL
Fig.1 TRANSMITTER WAVE FORM
20cm
SENSING DISTANCE : L
10K + -
4.9 5.1V -
Vcc
OUT
STANDARD TRANSMITTER
Vout
GND
100K
Vout
Fig.3 TEST SYSTEM
Fig.2 STD.TRANSMITTER TEST CIRCUIT
-2-
NJL25V/28H000
TYPICAL CHARACTERISTICS
Spectral Response (Ta=25C )
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 600 700 800 900 1000 1100
Directivity (Ta=25C)
Relative Transmission Distance
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 Angle (deg) Horizontal Vertical
Relative Responsibirity
Vertical
Horizontal
Wavelength (nm)
Output Pulse Width vs. Distance (Input Pulse Width=600s, Vcc=3.3V, Ta=25C)
Relative Transmission Distance
1000
Transmission Distance vs. Supply Voltage (Ta=25C) 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Supply Voltage Vcc (V)
Output Pulse Width TwL (s)
900 800 700 600 500 400 300 0 2 4 6 8 10 12 14 16 18 20
Transmission Distance Lc (m)
Transmission Distance vs. Carrier Frequency (Vcc=3.3V, Ta=25C) 1.0
Relative Transmission Distance
Transmission Distance vs. Temperature (Vcc=3.3V) 1.2
Relative Transmission Distance
0.9 0.8 0.7 0.6 0.5 24 26 28 30 32 34 36 38 40 42 44 46 48 50 Carrier Frequency (kHz) fo=36kHz fo=38KHz fo=40KHz
1.1 1.0 0.9 0.8 0.7 0.6 0.5 -40 -20 0 20 40 60 80 100 Ambient temperature Ta(C)
-3-
NJL25V/28H000
RECOMMENDED APPLICATION CIRCUIT
1 : OUT 2 : GND 3 : Vcc
47
12
3
47uF Vcc
RC Filter should be connected closely between Vcc pin and GND pin.
OUTLINE
7. 0 15. 3 2. 9 3.5
2.9
8. 0
22.0
18.5
15.6
7 .2
(8.7)
2 .54 2 .54
OUT GND Vcc
(1 8.8 )
2.54 9.0
2.54
(4)
OUT GND Vcc 7.0 1.3 2.4
0.4
1.6 2.0
2.5
8.2
0 .7
3.7 3- 0.8 2.54 2.54
PCB Pattern
3 .5
2. 0
3- 0. 8 2.5 4 2.54
PCB Pattern
NJL25V000 UNIT:mm
NJL28H000 UNIT:mm
1. Tolerance is 0.3mm unless otherwise noted. 2. Ground metal case on PCB. Metal case is not connected to GND pin inside.Tolerance is 0.3mm unless otherwise noted.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
-4-
6.7
0.5
2 .1
0. 4
2. 0
3 .4


▲Up To Search▲   

 
Price & Availability of NJL28H000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X